Part Number Hot Search : 
MJE295 D4202BD 242DR SD150 1N5225 01922 CP106 PT15D
Product Description
Full Text Search
 

To Download AO4832 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v ds i d (at v gs =10v) 10a r ds(on) (at v gs =10v) < 13m w r ds(on) (at v gs =4.5v) < 17.5m w symbol v ds the AO4832 uses advanced trench technology to provi de excellent r ds(on) with low gate charge. this device is suitable for high side switch in smp s and general purpose applications. v maximum units parameter absolute maximum ratings t a =25c unless otherwise noted 30v drain-source voltage 30 g2 d2 s2 g1 d1 s1 g1 s1 g2 s2 d1 d1 d2 d2 2 4 5 1 3 8 6 7 top view v ds v gs i dm i as , i ar e as , e ar t j , t stg symbol t 10s steady-state steady-state r q jl 90 maximum junction-to-ambient a t a =25c avalanche current c w 2 maximum junction-to-lead c/w c/w maximum junction-to-ambient a d 32 40 74 62.5 -55 to 150 c t a =25c t a =70c c/w r q ja 48 v 20 gate-source voltage 8 55 24 a 22 v drain-source voltage 30 units thermal characteristics parameter typ max mj junction and storage temperature range t a =70c 1.3 power dissipation b p d avalanche energy l=0.1mh c a i d 10 pulsed drain current c continuous drain current g2 d2 s2 g1 d1 s1 g1 s1 g2 s2 d1 d1 d2 d2 2 4 5 1 3 8 6 7 top view www.freescale.net.cn 1/6 AO4832 30v dual n-channel mosfet general description features
symbol min typ max units bv dss 30 v v ds =30v, v gs =0v 1 t j =55c 5 i gss 100 na v gs(th) gate threshold voltage 1.5 1.9 2.5 v i d(on) 55 a 10.8 13 t j =125c 15.5 19 14 17.5 m w g fs 43 s v sd 0.75 1 v i s 2.5 a c iss 610 760 910 pf c oss 88 125 160 pf c rss 40 70 100 pf r g 0.8 1.6 2.4 w q g (10v) 11 14 17 nc q g (4.5v) 5 6.6 8 nc q gs 2.4 nc q gd 3 nc t d(on) 4.4 ns t 9 ns v gs =0v, v ds =15v, f=1mhz switching parameters v ds =0v, v gs =20v zero gate voltage drain current gate-body leakage current drain-source breakdown voltage on state drain current i d =250 m a, v gs =0v v gs =10v, v ds =5v v gs =10v, i d =10a reverse transfer capacitance i s =1a,v gs =0v v ds =5v, i d =10a v gs =4.5v, i d =8a diode forward voltage electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions i dss m a v ds =v gs i d =250 m a r ds(on) static drain-source on-resistance m w forward transconductance gate resistance v gs =0v, v ds =0v, f=1mhz total gate charge v gs =10v, v ds =15v, i d =10a gate source charge gate drain charge total gate charge maximum body-diode continuous current input capacitance output capacitance turn-on delaytime dynamic parameters turn-on rise time v =10v, v =15v, r =1.5 w , t r 9 ns t d(off) 17 ns t f 6 ns t rr 5.6 7 8 ns q rr 6.4 8 9.6 nc i f =10a, di/dt=500a/ m s body diode reverse recovery time turn-off fall time body diode reverse recovery charge i f =10a, di/dt=500a/ m s turn-on rise time turn-off delaytime v gs =10v, v ds =15v, r l =1.5 w , r gen =3 w a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the value in any given application depends on the user' s specific board design. b. the power dissipation p d is based on t j(max) =150 c, using 10s junction-to-ambient thermal resistance. c. repetitive rating, pulse width limited by junct ion temperature t j(max) =150 c. ratings are based on low frequency and duty cycl es to keep initialt j =25 c. d. the r q ja is the sum of the thermal impedence from junction t o lead r q jl and lead to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-ambien t thermal impedence which is measured with the devi ce mounted on 1in 2 fr-4 board with 2oz. copper, assuming a maximum junction temperatur e of t j(max) =150 c. the soa curve provides a single pulse rating. www.freescale.net.cn 2/6 AO4832 30v dual n-channel mosfet
typical electrical and thermal characteristics 17 5 2 10 0 18 0 5 10 15 20 25 30 0 1 2 3 4 5 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 5 10 15 20 0 5 10 15 20 25 30 r ds(on) (m w w w w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 0.8 1 1.2 1.4 1.6 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =4.5v i d =8a v gs =10v i d =10a 25 c 125 c v ds =5v v gs =4.5v v gs =10v 0 20 40 60 80 100 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics (note e) v gs =3v 3.5v 6v 7v 10v 4.5v 5v 4v 40 0 5 10 15 20 25 30 0 1 2 3 4 5 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 5 10 15 20 0 5 10 15 20 25 30 r ds(on) (m w w w w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i s (a) v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c 0.8 1 1.2 1.4 1.6 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =4.5v i d =8a v gs =10v i d =10a 5 10 15 20 25 30 2 4 6 8 10 r ds(on) (m w w w w ) v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) 25 c 125 c v ds =5v v gs =4.5v v gs =10v i d =10a 25 c 125 c 0 20 40 60 80 100 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics (note e) v gs =3v 3.5v 6v 7v 10v 4.5v 5v 4v www.freescale.net.cn 3/6 AO4832 30v dual n-channel mosfet
typical electrical and thermal characteristics 0 2 4 6 8 10 0 3 6 9 12 15 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 200 400 600 800 1000 1200 0 5 10 15 20 25 30 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss c oss c rss v ds =15v i d =10a 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 i d (amps) v ds (volts) figure 10: maximum forward biased safe operating area (note f) 10 m s 10s 1ms dc r ds(on) limited t j(max) =150 c t a =25 c 100 m s 10ms 1 10 100 1 10 100 1000 i ar (a) peak avalanche current time in avalanche, t a ( m mm m s) figure 9: single pulse avalanche capability (note c ) t a =25 c t a =150 c t a =100 c t a =125 c 0 2 4 6 8 10 0 3 6 9 12 15 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 200 400 600 800 1000 1200 0 5 10 15 20 25 30 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss c oss c rss v ds =15v i d =10a 1 10 100 1000 10000 0.00001 0.001 0.1 10 1000 power (w) pulse width (s) figure 11: single pulse power rating junction-to-am bient (note f) t a =25 c 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 i d (amps) v ds (volts) figure 10: maximum forward biased safe operating area (note f) 10 m s 10s 1ms dc r ds(on) limited t j(max) =150 c t a =25 c 100 m s 10ms 1 10 100 1 10 100 1000 i ar (a) peak avalanche current time in avalanche, t a ( m mm m s) figure 9: single pulse avalanche capability (note c ) t a =25 c t a =150 c t a =100 c t a =125 c www.freescale.net.cn 4/6 AO4832 30v dual n-channel mosfet
typical electrical and thermal characteristics 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 z q q q q ja normalized transient thermal resistance pulse width (s) figure 12: normalized maximum transient thermal imp edance (note f) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse r q ja =90 c/w 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 z q q q q ja normalized transient thermal resistance pulse width (s) figure 12: normalized maximum transient thermal imp edance (note f) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse r q ja =90 c/w www.freescale.net.cn 5/6 AO4832 30v dual n-channel mosfet
- + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off id + l vgs vds bv unclamped inductive switching (uis) test circuit & waveforms vds dss 2 e = 1/2 li ar ar - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt ar ar t rr www.freescale.net.cn 6/6 AO4832 30v dual n-channel mosfet


▲Up To Search▲   

 
Price & Availability of AO4832

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X